công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56307/D bảng dữ liệu(PDF) 35 Page - Motorola, Inc

tên linh kiện DSP56307/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D bảng dữ liệu(HTML) 35 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 31Page - Motorola, Inc DSP56307/D Datasheet HTML 32Page - Motorola, Inc DSP56307/D Datasheet HTML 33Page - Motorola, Inc DSP56307/D Datasheet HTML 34Page - Motorola, Inc DSP56307/D Datasheet HTML 35Page - Motorola, Inc DSP56307/D Datasheet HTML 36Page - Motorola, Inc DSP56307/D Datasheet HTML 37Page - Motorola, Inc DSP56307/D Datasheet HTML 38Page - Motorola, Inc DSP56307/D Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 156 page
background image
Signals/Connections
JTAG and OnCE Interface
MOTOROLA
DSP56307 Technical Data
1-29
Table 1-15
OnCE/JTAG Interface
Signal Name
Type
State During
Reset
Signal Description
TCK
Input
Input
Test Clock
ÑTCK is a test clock input signal
used to synchronize the JTAG test logic.
TDI
Input
Input
Test Data Input
ÑTDI is a test data serial input
signal used for test instructions and data. TDI is
sampled on the rising edge of TCK and has an
internal pull-up resistor.
TDO
Output
Tri-stated
Test Data Output
ÑTDO is a test data serial
output signal used for test instructions and
data. TDO is tri-statable and is actively driven
in the shift-IR and shift-DR controller states.
TDO changes on the falling edge of TCK.
TMS
Input
Input
Test Mode Select
ÑTMS is an input signal used
to sequence the test controllerÕs state machine.
TMS is sampled on the rising edge of TCK and
has an internal pull-up resistor.
TRST
Input
Input
Test Reset
ÑTRST is an active-low
Schmitt-trigger input signal used to
asynchronously initialize the test controller.
TRST has an internal pull-up resistor. TRST
must be asserted after power up.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com