| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56307/D bảng dữ liệu(PDF) 15 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56307/D bảng dữ liệu(HTML) 15 Page - Motorola, Inc |
|
15 / 156 page ![]() Signals/Connections External Memory Expansion Port (Port A) MOTOROLA DSP56307 Technical Data 1-9 BR Output Output (deasserted) Bus Request ÑBR is an active-low output, never tri-stated. BR is asserted when the DSP requests bus mastership. BR is deasserted when the DSP no longer needs the bus. BR may be asserted or deasserted independently of whether the DSP56307 is a bus master or a bus slave. Bus ÒparkingÓ allows BR to be deasserted even though the DSP56307 is the bus master. (See the description of bus ÒparkingÓ in the BB signal description.) The bus request hole (BRH) bit in the BCR allows BR to be asserted under software control even though the DSP does not need the bus. BR is typically sent to an external bus arbitrator that controls the priority, parking, and tenure of each master on the same external bus. BR is only affected by DSP requests for the external bus, never for the internal bus. During hardware reset, BR is deasserted and the arbitration is reset to the bus slave state. BG Input Ignored Input Bus GrantÑBG is an active-low input. BG must be asserted/deasserted synchronous to CLKOUT for proper operation. BG is asserted by an external bus arbitration circuit when the DSP56307 becomes the next bus master. When BG is asserted, the DSP56307 must wait until BB is deasserted before taking bus mastership. When BG is deasserted, bus mastership is typically given up at the end of the current bus cycle. This may occur in the middle of an instruction that requires more than one external bus cycle for execution. The default operation of this bit requires a setup and hold time as specified in DSP56307 Technical Data (the data sheet). An alternate mode can be invoked: set the asynchronous bus arbitration enable (ABE) bit (Bit 13) in the OMR. When this bit is set, BG and BB are synchronized internally. This eliminates the respective setup and hold time requirements but adds a required delay between the deassertion of an initial BG input and the assertion of a subsequent BG input. Table 1-8 External Bus Control Signals (Continued) Signal Name Type State During Reset Signal Description Not Recommended for New Design |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |