công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56307/D bảng dữ liệu(PDF) 44 Page - Motorola, Inc

tên linh kiện DSP56307/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D bảng dữ liệu(HTML) 44 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 40Page - Motorola, Inc DSP56307/D Datasheet HTML 41Page - Motorola, Inc DSP56307/D Datasheet HTML 42Page - Motorola, Inc DSP56307/D Datasheet HTML 43Page - Motorola, Inc DSP56307/D Datasheet HTML 44Page - Motorola, Inc DSP56307/D Datasheet HTML 45Page - Motorola, Inc DSP56307/D Datasheet HTML 46Page - Motorola, Inc DSP56307/D Datasheet HTML 47Page - Motorola, Inc DSP56307/D Datasheet HTML 48Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 156 page
background image
2-8
DSP56307 Technical Data
MOTOROLA
Specifications
External Clock Operation
6
CLKOUT rising edge from EXTAL rising edge
with PLL enabled (MF = 1,
PDF = 1, Ef > 15 MHz)4,5
CLKOUT falling edge from EXTAL rising edge
with PLL enabled (MF = 2 or 4, PDF = 1, Ef > 15
MHz)4,5
CLKOUT falling edge from EXTAL falling edge
with PLL enabled (MF
≤ 4, PDF ≠ 1, Ef / PDF > 15
MHz)4,5
0.0 ns
0.0 ns
0.0 ns
1.8 ns
1.8 ns
1.8 ns
7
Instruction cycle time = ICYC = TC
6
(See Table 2-4.) (46.7%Ð53.3% duty cycle)
¥
With PLL disabled
¥
With PLL enabled
ICYC
20.0 ns
10.00 ns
∞
8.53
µs
Notes:
1.
Measured at 50% of the input transition
2.
The maximum value for PLL enabled is given for minimum VCO and maximum
MF.
3.
The indicated duty cycle is for the specified maximum frequency for which a part
is rated. The minimum clock high or low time required for correction operation,
however, remains the same at lower operating frequencies; therefore, when a
lower clock frequency is used, the signal symmetry may vary from the specified
duty cycle as long as the minimum high time and low time requirements are met.
4.
Periodically sampled and not 100% tested
5.
The skew is not guaranteed for any other MF value.
6.
The maximum value for PLL enabled is given for minimum VCO and maximum
DF.
Table 2-5
Clock Operation (Continued)
No.
Characteristics
Symbol
100 MHz
Min
Max
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com