công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56307/D bảng dữ liệu(PDF) 28 Page - Motorola, Inc

tên linh kiện DSP56307/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D bảng dữ liệu(HTML) 28 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 24Page - Motorola, Inc DSP56307/D Datasheet HTML 25Page - Motorola, Inc DSP56307/D Datasheet HTML 26Page - Motorola, Inc DSP56307/D Datasheet HTML 27Page - Motorola, Inc DSP56307/D Datasheet HTML 28Page - Motorola, Inc DSP56307/D Datasheet HTML 29Page - Motorola, Inc DSP56307/D Datasheet HTML 30Page - Motorola, Inc DSP56307/D Datasheet HTML 31Page - Motorola, Inc DSP56307/D Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 156 page
background image
1-22
DSP56307 Technical Data
MOTOROLA
Signals/Connections
Enhanced Synchronous Serial Interface 0
SRD0
PC4
Input/
Output
Input or
Output
Input
Serial Receive Data
ÑSRD0 receives serial data
and transfers the data to the ESSI receive shift
register. SRD0 is an input when data is being
received.
Port C 4
ÑThe default configuration following
reset is GPIO input PC4. When configured as
PC4, signal direction is controlled through
PRR0. The signal can be configured as an ESSI
signal SRD0 through PCR0.
Note:
This signal has a weak keeper to maintain the last
state even if all drivers are tri-stated.
STD0
PC5
Input/
Output
Input or
Output
Input
Serial Transmit Data
ÑSTD0 is used for
transmitting data from the serial transmit shift
register. STD0 is an output when data is being
transmitted.
Port C 5
ÑThe default configuration following
reset is GPIO input PC5. When configured as
PC5, signal direction is controlled through
PRR0. The signal can be configured as an ESSI
signal STD0 through PCR0.
Note:
This signal has a weak keeper to maintain the last
state even if all drivers are tri-stated.
Table 1-11
Enhanced Synchronous Serial Interface 0 (Continued)
Signal Name
Type
State During
Reset
Signal Description
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com