công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56307/D bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện DSP56307/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 7Page - Motorola, Inc DSP56307/D Datasheet HTML 8Page - Motorola, Inc DSP56307/D Datasheet HTML 9Page - Motorola, Inc DSP56307/D Datasheet HTML 10Page - Motorola, Inc DSP56307/D Datasheet HTML 11Page - Motorola, Inc DSP56307/D Datasheet HTML 12Page - Motorola, Inc DSP56307/D Datasheet HTML 13Page - Motorola, Inc DSP56307/D Datasheet HTML 14Page - Motorola, Inc DSP56307/D Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
Signals/Connections
Clock
MOTOROLA
DSP56307 Technical Data
1-5
CLOCK
PLL
Table 1-4
Clock Signals
Signal
Name
Type
State During
Reset
Signal Description
EXTAL
Input
Input
External Clock/Crystal Input
ÑEXTAL interfaces the
internal crystal oscillator input to an external crystal or
an external clock.
XTAL
Output
Chip-driven
Crystal Output
ÑXTAL connects the internal crystal
oscillator output to an external crystal. If an external
clock is used, leave XTAL unconnected.
Table 1-5
Phase-Locked Loop Signals
Signal
Name
Type
State During
Reset
Signal Description
PCAP
Input
Input
PLL Capacitor
ÑPCAP is an input connecting an
off-chip capacitor to the PLL filter. Connect one
capacitor terminal to PCAP and the other terminal to
VCCP.
If the PLL is not used, PCAP may be tied to VCC,
GND, or left floating.
CLKOUT
Output
Chip-driven
Clock Output
ÑCLKOUT provides an output clock
synchronized to the internal core clock phase.
If the PLL is enabled and both the multiplication and
division factors equal one, then CLKOUT is also
synchronized to EXTAL.
If the PLL is disabled, the CLKOUT frequency is half
the frequency of EXTAL.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com