công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56307/D bảng dữ liệu(PDF) 16 Page - Motorola, Inc

tên linh kiện DSP56307/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D bảng dữ liệu(HTML) 16 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 12Page - Motorola, Inc DSP56307/D Datasheet HTML 13Page - Motorola, Inc DSP56307/D Datasheet HTML 14Page - Motorola, Inc DSP56307/D Datasheet HTML 15Page - Motorola, Inc DSP56307/D Datasheet HTML 16Page - Motorola, Inc DSP56307/D Datasheet HTML 17Page - Motorola, Inc DSP56307/D Datasheet HTML 18Page - Motorola, Inc DSP56307/D Datasheet HTML 19Page - Motorola, Inc DSP56307/D Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 156 page
background image
1-10
DSP56307 Technical Data
MOTOROLA
Signals/Connections
External Memory Expansion Port (Port A)
BB
Input/
Output
Input
Bus Busy
ÑBB is a bidirectional active-low
input/output and must be asserted and deasserted
synchronous to CLKOUT. BB indicates that the bus is
active. Only after BB is deasserted can the pending bus
master become the bus master (and then assert the
signal again). The bus master may keep BB asserted
after ceasing bus activity regardless of whether BR is
asserted or deasserted. Called Òbus parking,Ó this
allows the current bus master to reuse the bus without
rearbitration until another device requires the bus. The
deassertion of BB is done by an Òactive pull-upÓ method
(i.e., BB is driven high and then released and held high
by an external pull-up resistor).
The default operation of this bit requires a setup and
hold time as specified in the DSP56307 Technical Data
sheet. An alternate mode can be invoked: set the ABE
bit (Bit 13) in the OMR. When this bit is set, BG and BB
are synchronized internally. See BG for additional
information.
BB requires an external pull-up resistor.
CAS
Output Tri-stated
Column Address Strobe
ÑWhen the DSP is the bus
master, CAS is an active-low output used by DRAM to
strobe the column address. Otherwise, if the bus
mastership enable (BME) bit in the DRAM control
register is cleared, the signal is tri-stated.
BCLK
Output Tri-stated
Bus Clock
ÑWhen the DSP is the bus master, BCLK is
an active-high output. BCLK is active as a sampling
signal when the program address tracing mode is
enabled (i.e., the ATE bit in the OMR is set). When
BCLK is active and synchronized to CLKOUT by the
internal PLL, BCLK precedes CLKOUT by one-fourth of
a clock cycle. The BCLK rising edge may be used to
sample the internal program memory access on the
A0ÐA23 address lines.
BCLK
Output Tri-stated
Bus Clock Not
ÑWhen the DSP is the bus master, BCLK
is an active-low output and is the inverse of the BCLK
signal. Otherwise, the signal is tri-stated.
Table 1-8
External Bus Control Signals (Continued)
Signal
Name
Type
State During
Reset
Signal Description
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com