công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS37044AJOFDDFR bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện PS37044AJOFDDFR
Giải thích chi tiết về linh kiện  TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PS37044AJOFDDFR bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button PS37044AJOFDDFR Datasheet HTML 16Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 17Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 18Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 19Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 20Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 21Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 22Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 23Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Voltage Threshold Accuracy
Voltage monitoring requirements vary depending on the voltage supply tolerance of the device being powered.
Due to the high precision of the TPS3704x (±1% maximum), the device allows for a wider supply voltage
margins and threshold headroom for tight tolerance applications.
For example, take a DC/DC regulator providing power to a core voltage rail of an MCU. The MCU has a
tolerance of ±5% of the nominal output voltage of the DC/DC. The user sets an ideal voltage threshold of ±4%
which allows for ±1% of threshold accuracy. Since the TPS3704x threshold accuracy is ±1%, the user has more
supply voltage margin which can allow for a relaxed power supply design. This gives flexibility to the DC/DC to
use a smaller output capacitor or inductor because of a larger voltage window for voltage ripple and transients.
There is also headroom between the minimum system voltage and voltage tolerance of the MCU to ensure that
the voltage supply will never be in the region of potential failure of malfunction without the TPS3704x asserting a
reset signal.
Figure 9-1 illustrates the supply undervoltage margin and accuracy of the TPS3704x for the example explained
above. Using a low accuracy supervisor will eat into the available budget for the power supply ripple and
transient response. This gives less flexibility to the user and a more stringent DC/DC converter design.
DC/DC nominal output
Regulator output voltage accuracy
Margin for ripple and transients
+ 1% Allowed threshold tolerance
- 1% Minimum system voltage
0%
4%
5%
Potential Failure or Malfunction
Supply
Voltage
Margin
Voltage
Threshold
Accuracy
Figure 9-1. TPS3704x Voltage Threshold Accuracy
TPS3704
SNVSBZ2B – MARCH 2021 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS3704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com