công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS37044AJOFDDFR bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện PS37044AJOFDDFR
Giải thích chi tiết về linh kiện  TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PS37044AJOFDDFR bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button PS37044AJOFDDFR Datasheet HTML 11Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 12Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 13Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 14Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 15Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 16Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 17Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 18Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
8 Detailed Description
8.1 Overview
TPS3704x is a family of quad, triple, dual, and single precision voltage supervisors where each channel has
overvoltage and undervoltage detection capability. The TPS3704x features a highly accurate window threshold
voltage where the upper and lower thresholds can be customized for symmetric or asymmetric tolerances. The
reset signal for the TPS3704x is asserted, with a fault detection time delay (tPD = 10 μs maximum), when the
sense voltage is outside of the overvoltage and undervoltage thresholds.
TPS3704x includes the resistors used to set the overvoltage and undervoltage thresholds internal to the
device. These internal resistors allow for lower component counts and greatly simplifies the design because
no additional margins are needed to account for the accuracy of external resistors. The level of integration in the
TPS3704x enables a total small solution size for any application.
The TPS3704x is capable to monitor any voltage rail with high resolution (VIT ≤ 0.8 V: 20 mV steps /
VIT > 0.8 V: 0.5% or 20 mV steps whichever is lower). Each channel in the TPS3704x can be configured
independently as a window, OV or UV supervisor. Also, the VIT threshold voltage for each channel can be
asymmetric. For example, a channel that is configured as an overvoltage supervisor can be setup with a +5%
tolerance whereas an undervoltage channel supervisor can be programmed with a -4% tolerance. If a window
supervisor is configured, the voltage threshold tolerance can either be symmetrical or asymmetrical.
The TPS3704x includes fixed reset time delay (tD) options ranging from 20 μs to 1200 ms and can monitor up to
four channels while maintaining an ultra-low IQ current of 15 μA (maximum).
8.2 Functional Block Diagram
VDD
BANDGAP
+
–
+
–
VBG
UNDERVOLTAGE
OVERVOLTAGE
SENSE1
POR
OTP
OSCILLATOR
CLK
CLK
TIME DELAY
(counter)
OTPUV_EN
OTPOV_EN
UVLO
+
–
VREF_UV
VREF_OV
VDD
UVLO
VBG
SENSE1
GND
VREF_UVLO
RESET1
VBG
SENSE1
Figure 8-1. TPS37041 Single-Channel Functional Block Diagram
www.ti.com
TPS3704
SNVSBZ2B – MARCH 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS3704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com