công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS37044AJOFDDFR bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện PS37044AJOFDDFR
Giải thích chi tiết về linh kiện  TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PS37044AJOFDDFR bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button PS37044AJOFDDFR Datasheet HTML 23Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 24Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 25Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 26Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 27Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 28Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 29Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 30Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
12 Device and Documentation Support
12.1 Device Nomenclature
Figure 5-1 in Section 5 and Table 12-1 shows how to decode the function of the device based on its part number
shown in Table 12-2.
Table 12-1. Device Naming Convention
DESCRIPTION
NOMENCLATURE
VALUE
Generic Part number
TPS3704x
TPS3704x
Channel Option
1
One-channel option
2
Dual-channel option
3
Triple-channel option
4
Quad-channel option
Detection Options
Ax, Bx, Cx,...
Please refer to Table 12-2
Variant code (Output Topology)
O
Open-Drain, Active-Low
L
Push-Pull, Active-Low
H
Push-Pull, Active-High
Reset Time Delay Option
A
20 μs reset time delay
B
1 ms reset time delay
C
2 ms reset time delay
D
3 ms reset time delay
E
5 ms reset time delay
F
10 ms reset time delay
G
15 ms reset time delay
H
20 ms reset time delay
I
25 ms reset time delay
J
35 ms reset time delay
K
40 ms reset time delay
L
50 ms reset time delay
M
70 ms reset time delay
N
100 ms reset time delay
O
140 ms reset time delay
P
150 ms reset time delay
R
200 ms reset time delay
S
280 ms reset time delay
T
400 ms reset time delay
U
560 ms reset time delay
V
800 ms reset time delay
W
1120 ms reset time delay
X
1200 ms reset time delay
Package
DDF
SOT-23 8-pin (1.6 mm × 2.9 mm)
Reel
R
Large Reel
www.ti.com
TPS3704
SNVSBZ2B – MARCH 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TPS3704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com