công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS37044AJOFDDFR bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện PS37044AJOFDDFR
Giải thích chi tiết về linh kiện  TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PS37044AJOFDDFR bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button PS37044AJOFDDFR Datasheet HTML 13Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 14Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 15Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 16Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 17Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 18Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 19Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 20Page - Texas Instruments PS37044AJOFDDFR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
VDD
BANDGAP
+
–
+
–
VBG
UNDERVOLTAGE
OVERVOLTAGE
SENSE1
POR
OTP
OSCILLATOR
CLK
CLK
TIME DELAY
(counter)
OTPUV_EN
OTPOV_EN
UVLO
+
–
VREF_UV
VREF_OV
VDD
UVLO
VBG
SENSE1
GND
VREF_UVLO
VBG
SENSE1
SENSE3
+
–
+
–
UNDERVOLTAGE
OVERVOLTAGE
SENSE2
CLK
TIME DELAY
(counter)
OTPUV_EN
OTPOV_EN
UVLO
VREF_UV
VREF_OV
RESET1
VBG
SENSE2
RESET2
SENSE2
SENSE4
(SENSE1 and SENSE2)
(SENSE3 and SENSE4)
Figure 8-4. TPS37044 Quadruple-Channel Functional Block Diagram
*For available voltages, window tolerance, time delays, and UV/OV threshold options, see Table 12-2.
8.3 Feature Description
8.3.1 VDD
The TPS3704x is designed to operate from an input voltage supply range between 1.7 V to 6 V. The SENSEx
pins is monitored by the internal comparator. VDD also functions as the supply for the internal bandgap, internal
regulator, state machine, buffers and other control blocks. The reset signal is at a known state when VDD >
VPOR. Undervoltage lockout forces the reset output to be asserted when VDD falls below the minimum VDD
voltage.
VDD capacitor is not required for this device; however, if the input supply is noisy, then it is good design practice
to place a 0.1 μF to 1 µF bypass capacitor between the VDD pin and the GND pin to ensure enough charge is
available for the device to power up correctly. VDD needs to be at or above VDD(MIN) for start-up delay
(tSTRT + tD) to begin and for the device to be fully functional.
www.ti.com
TPS3704
SNVSBZ2B – MARCH 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS3704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com