| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 193 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 193 Page - Zilog, Inc. |
|
193 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y eZ8 CPU Instruction Set Z8 Encore! XP® F08xA Series Product Specification 175 Table 109. Bit Manipulation Instructions Mnemonic Operands Instruction BCLR bit, dst Bit Clear BIT p, bit, dst Bit Set or Clear BSET bit, dst Bit Set BSWAP dst Bit Swap CCF — Complement Carry Flag RCF — Reset Carry Flag SCF — Set Carry Flag TCM dst, src Test Complement Under Mask TCMX dst, src Test Complement Under Mask using Extended Addressing TM dst, src Test Under Mask TMX dst, src Test Under Mask using Extended Addressing Table 110. Block Transfer Instructions Mnemonic Operands Instruction LDCI dst, src Load Constant to/from Program Memory and Auto-Increment Addresses LDEI dst, src Load External Data to/from Data Memory and Auto-Increment Addresses Table 111. CPU Control Instructions Mnemonic Operands Instruction ATM — Atomic Execution CCF — Complement Carry Flag DI — Disable Interrupts EI — Enable Interrupts HALT — Halt Mode NOP — No Operation RCF — Reset Carry Flag SCF — Set Carry Flag SRP src Set Register Pointer |