| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 91 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 91 Page - Zilog, Inc. |
|
91 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Timers Z8 Encore! XP® F08xA Series Product Specification 73 Reload value. In COMPARE mode, the Timer Reload High and Low Byte registers store the 16-bit Compare value. TRH and TRL—Timer Reload Register High and Low These two bytes form the 16-bit Reload value, {TRH[7:0], TRL[7:0]}. This value sets the maximum count value which initiates a timer reload to 0001H. In Compare mode, these two bytes form the 16-bit Compare value. Timer 0-1 PWM High and Low Byte Registers The Timer 0-1 PWM High and Low Byte (TxPWMH and TxPWML) registers (Tables 51 and Table 52) control Pulse-Width Modulator (PWM) operations. These registers also store the Capture values for the CAPTURE and CAPTURE/COMPARE modes. Table 49. Timer 0–1 Reload High Byte Register (TxRH) BITS 7 6 5 4 3 2 1 0 FIELD TRH RESET 1 111 11 11 R/W R/WR/W R/WR/W R/WR/W R/WR/W ADDR F02H, F0AH Table 50. Timer 0–1 Reload Low Byte Register (TxRL) BITS 7 6 5 4 3 2 1 0 FIELD TRL RESET 1 111 11 11 R/W R/WR/W R/WR/W R/WR/W R/WR/W ADDR F03H, F0BH Table 51. Timer 0–1 PWM High Byte Register (TxPWMH) BITS 7 6 5 4 3 2 1 0 FIELD PWMH RESET 0 000 00 00 R/W R/WR/W R/WR/W R/WR/W R/WR/W ADDR F04H, F0CH |