| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 34 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 34 Page - Zilog, Inc. |
|
34 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Register Map Z8 Encore! XP® F08xA Series Product Specification 16 F41 UART0 Status 0 U0STAT0 0000011Xb 96 F42 UART0 Control 0 U0CTL0 00 98 F43 UART0 Control 1 U0CTL1 00 99 F44 UART0 Status 1 U0STAT1 00 97 F45 UART0 Address Compare U0ADDR 00 101 F46 UART0 Baud Rate High Byte U0BRH FF 101 F47 UART0 Baud Rate Low Byte U0BRL FF 101 F48–F6F Reserved — XX Analog-to-Digital Converter (ADC) F70 ADC Control 0 ADCCTL0 00 117 F71 ADC Control 1 ADCCTL1 80 117 F72 ADC Data High Byte ADCD_H XX 120 F73 ADC Data Low Bits ADCD_L XX 120 F74 ADC High Threshold High Byte ADCTHH FF 121 F75 Reserved — XX F76 ADC Low Threshold High Byte ADCTLH 00 121 F77–F7F Reserved — XX Low Power Control F80 Power Control 0 PWRCTL0 80 30 F81 Reserved — XX LED Controller F82 LED Drive Enable LEDEN 00 44 F83 LED Drive Level High Byte LEDLVLH 00 44 F84 LED Drive Level Low Byte LEDLVLL 00 45 F85 Reserved — XX Oscillator Control F86 Oscillator Control OSCCTL A0 163 F87–F8F Reserved — XX Comparator 0 F90 Comparator 0 Control CMP0 14 123 F91–FBF Reserved — XX Interrupt Controller FC0 Interrupt Request 0 IRQ0 00 51 FC1 IRQ0 Enable High Bit IRQ0ENH 00 53 Table 7. Register File Address Map (Continued) Address (Hex) Register Description Mnemonic Reset (Hex) Page # XX=Undefined |