| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 33 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 33 Page - Zilog, Inc. |
|
33 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Register Map Z8 Encore! XP® F08xA Series Product Specification 15 Register Map Table 7 provides the address map for the Register File of the Z8 Encore! XP® F08xA Series devices. Not all devices and package styles in the Z8 Encore! XP® F08xA Series support the ADC, or all of the GPIO Ports. Consider registers for unimplemented periph- erals as Reserved. Table 7. Register File Address Map Address (Hex) Register Description Mnemonic Reset (Hex) Page # General Purpose RAM Z8F082A/Z8F081A Devices 000–3FF General-Purpose Register File RAM — XX 400–EFF Reserved — XX Timer 0 F00 Timer 0 High Byte T0H 00 72 F01 Timer 0 Low Byte T0L 01 72 F02 Timer 0 Reload High Byte T0RH FF 73 F03 Timer 0 Reload Low Byte T0RL FF 73 F04 Timer 0 PWM High Byte T0PWMH 00 73 F05 Timer 0 PWM Low Byte T0PWML 00 74 F06 Timer 0 Control 0 T0CTL0 00 74 F07 Timer 0 Control 1 T0CTL1 00 75 Timer 1 F08 Timer 1 High Byte T1H 00 72 F09 Timer 1 Low Byte T1L 01 72 F0A Timer 1 Reload High Byte T1RH FF 73 F0B Timer 1 Reload Low Byte T1RL FF 73 F0C Timer 1 PWM High Byte T1PWMH 00 73 F0D Timer 1 PWM Low Byte T1PWML 00 74 F0E Timer 1 Control 0 T1CTL0 00 74 F0F Timer 1 Control 1 T1CTL1 00 72 F10–F3F Reserved — XX UART 0 F40 UART0 Transmit Data U0TXD XX 95 UART0 Receive Data U0RXD XX 96 XX=Undefined |