công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F082ASH020SC bảng dữ liệu(PDF) 93 Page - Zilog, Inc.

tên linh kiện Z8F082ASH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC bảng dữ liệu(HTML) 93 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 89Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 90Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 91Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 92Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 93Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 94Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 95Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 96Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 97Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
75
0x = Timer Interrupt occurs on all defined Reload, Compare and Input Events
10 = Timer Interrupt only on defined Input Capture/Deassertion Events
11 = Timer Interrupt only on defined Reload/Compare Events
Reserved—Must be 0.
PWMD—PWM Delay value
This field is a programmable delay to control the number of system clock cycles delay
before the Timer Output and the Timer Output Complement are forced to their active state.
000 = No delay
001 = 2 cycles delay
010 = 4 cycles delay
011 = 8 cycles delay
100 = 16 cycles delay
101 = 32 cycles delay
110 = 64 cycles delay
111 = 128 cycles delay
INPCAP—Input Capture Event
This bit indicates if the most recent timer interrupt is caused by a Timer Input Capture
Event.
0 = Previous timer interrupt is not a result of Timer Input Capture Event
1 = Previous timer interrupt is a result of Timer Input Capture Event
Timer 0–1 Control Register 1
The Timer 0–1 Control (TxCTL1) registers enable/disable the timers, set the prescaler
value, and determine the timer operating mode.
TEN—Timer Enable
0 = Timer is disabled.
1 = Timer enabled to count.
TPOL—Timer Input/Output Polarity
Operation of this bit is a function of the current operating mode of the timer.
ONE-SHOT mode
When the timer is disabled, the Timer Output signal is set to the value of this bit.
Table 54. Timer 0–1 Control Register 1 (TxCTL1)
BITS
7
6
5
4
3
2
1
0
FIELD
TEN
TPOL
PRES
TMODE
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F07H, F0FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com