| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 191 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 191 Page - Zilog, Inc. |
|
191 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y eZ8 CPU Instruction Set Z8 Encore! XP® F08xA Series Product Specification 173 Assignment of a value is indicated by an arrow. For example, dst ← dst + src indicates the source data is added to the destination data and the result is stored in the des- tination location. eZ8 CPU Instruction Classes eZ8 CPU instructions can be divided functionally into the following groups: • Arithmetic • Bit Manipulation • Block Transfer • CPU Control • Load • Logical • Program Control • Rotate and Shift Table 107. Additional Symbols Symbol Definition dst Destination Operand src Source Operand @ Indirect Address Prefix SP Stack Pointer PC Program Counter FLAGS Flags Register RP Register Pointer # Immediate Operand Prefix B Binary Number Suffix % Hexadecimal Number Prefix H Hexadecimal Number Suffix |