| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 182 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 182 Page - Zilog, Inc. |
|
182 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Oscillator Control Z8 Encore! XP® F08xA Series Product Specification 164 WDFEN—Watchdog Timer Oscillator Failure Detection Enable 1 = Failure detection of Watch-Dog Timer oscillator is enabled 0 = Failure detection of Watch-Dog Timer oscillator is disabled SCKSEL—System Clock Oscillator Select 000 = Internal precision oscillator functions as system clock at 5.53MHz 001 = Internal precision oscillator functions as system clock at 32KHz 010 = Crystal oscillator or external RC oscillator functions as system clock 011 = Watch-Dog Timer oscillator functions as system 100 = External clock signal on PB3 functions as system clock 101 = Reserved 110 = Reserved 111 = Reserved |