công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F082ASH020SC bảng dữ liệu(PDF) 163 Page - Zilog, Inc.

tên linh kiện Z8F082ASH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC bảng dữ liệu(HTML) 163 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 159Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 160Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 161Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 162Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 163Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 164Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 165Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 166Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 167Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Option Bits
Z8 Encore! XP® F08xA Series
Product Specification
145
Trim Bit Address 0004H
Reserved—Must be 1.
BG_TRIM—Band Gap Trim Values
Contains factory trimmed values for the band gap output voltage adjustment.
ZiLOG Calibration Bits
ADC Calibration Bits
ADC_CAL—Analog to Digital Converter Calibration Values
Contains factory calibrated values for ADC gain and offset compensation. Each of the ten
supported modes has one byte of offset calibration and two bytes of gain calibration.
These values are read by user software to compensate ADC measurements as detailed in
“Software Compensation Procedure” on page 114. The location of each calibration byte is
provided in Table 95.
Table 93. Trim Option Bits at 0004H (TBG)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
BG_TRIM
RESET
U
U
U
UUU
UU
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
Information Page Memory 0024H
Note: U = Unchanged by Reset. R/W = Read/Write.
Table 94. ADC Calibration Bits at 0060H-007DH
BITS
7
6
5
4
3
2
1
0
FIELD
ADC_CAL
RESET
U
U
U
UUU
UU
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
Information Page Memory 0060H–007DH
Note: U = Unchanged by Reset. R/W = Read/Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More