| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 136 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 136 Page - Zilog, Inc. |
|
136 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Analog-to-Digital Converter Z8 Encore! XP® F08xA Series Product Specification 118 For the reserved values, all input switches are disabled to avoid leakage or other undesir- able operation. ADC samples taken with reserved bit settings are undefined. Single-Ended: 0000 = ANA0 (transimpedance amp output when enabled) 0001 = ANA1 (transimpedance amp inverting input) 0010 = ANA2 (transimpedance amp non-inverting input) 0011 = ANA3 0100 = ANA4 0101 = ANA5 0110 = ANA6 0111 = ANA7 1000 = Reserved 1001 = Reserved 1010 = Reserved 1011 = Reserved 1100 = Hold transimpedance input nodes (ANA1 and ANA2) to ground. 1101 = Reserved 1110 = Temperature Sensor. 1111 = Manual Offset Calibration Mode. Differential (non-inverting input and inverting input respectively): 0000 = ANA0 and ANA1 0001 = ANA2 and ANA3 0010 = ANA4 and ANA5 0011 = ANA1 and ANA0 0100 = ANA3 and ANA2 0101 = ANA5 and ANA4 0110 = ANA6 and ANA5 0111 = ANA0 and ANA2 1000 = ANA0 and ANA3 1001 = ANA0 and ANA4 1010 = ANA0 and ANA5 1011 = Reserved 1100 = Reserved 1101 = Reserved 1110 = Reserved 1111 = Manual Offset Calibration Mode |