| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5021 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors |
|
15 / 155 page ![]() Pin assignments and reset states P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Freescale Semiconductor 15 D2_MDQ55 Data AT3 I/O GVDD — D2_MDQ56 Data AP5 I/O GVDD — D2_MDQ57 Data AT5 I/O GVDD — D2_MDQ58 Data AP8 I/O GVDD — D2_MDQ59 Data AT8 I/O GVDD — D2_MDQ60 Data AR4 I/O GVDD — D2_MDQ61 Data AT4 I/O GVDD — D2_MDQ62 Data AR7 I/O GVDD — D2_MDQ63 Data AT7 I/O GVDD — D2_MECC0 Error Correcting Code J1 I/O GVDD — D2_MECC1 Error Correcting Code K3 I/O GVDD — D2_MECC2 Error Correcting Code M5 I/O GVDD — D2_MECC3 Error Correcting Code N5 I/O GVDD — D2_MECC4 Error Correcting Code J4 I/O GVDD — D2_MECC5 Error Correcting Code J2 I/O GVDD — D2_MECC6 Error Correcting Code L3 I/O GVDD — D2_MECC7 Error Correcting Code L4 I/O GVDD — D2_MAPAR_ERR Address Parity Error N2 I GVDD — D2_MAPAR_OUT Address Parity Out Y1 O GVDD — D2_MDM0 Data Mask B12 O GVDD — D2_MDM1 Data Mask B6 O GVDD — D2_MDM2 Data Mask C4 O GVDD — D2_MDM3 Data Mask G3 O GVDD — D2_MDM4 Data Mask AG1 O GVDD — D2_MDM5 Data Mask AL3 O GVDD — D2_MDM6 Data Mask AP2 O GVDD — D2_MDM7 Data Mask AP6 O GVDD — D2_MDM8 Data Mask K2 O GVDD — D2_MDQS0 Data Strobe A10 I/O GVDD — D2_MDQS1 Data Strobe A5 I/O GVDD — D2_MDQS2 Data Strobe C2 I/O GVDD — D2_MDQS3 Data Strobe G6 I/O GVDD — D2_MDQS4 Data Strobe AH2 I/O GVDD — D2_MDQS5 Data Strobe AM4 I/O GVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |