| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5021 bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 26 SD_RX07 Receive Data (negative) K35 I XVDD — SD_RX06 Receive Data (negative) H35 I XVDD — SD_RX05 Receive Data (negative) F35 I XVDD — SD_RX04 Receive Data (negative) C36 I XVDD — SD_RX03 Receive Data (negative) B31 I XVDD — SD_RX02 Receive Data (negative) D30 I XVDD — SD_RX01 Receive Data (negative) B29 I XVDD — SD_RX00 Receive Data (negative) D28 I XVDD — SD_REF_CLK1 SerDes Bank 1 PLL Reference Clock A35 I XVDD — SD_REF_CLK1 SerDes Bank 1 PLL Reference Clock Complement B35 I XVDD — SD_REF_CLK2 SerDes Bank 2 PLL Reference Clock V34 I XVDD — SD_REF_CLK2 SerDes Bank 2 PLL Reference Clock Complement V33 I XVDD — SD_REF_CLK3 SerDes Bank 3 PLL Reference Clock AC32 I XVDD — SD_REF_CLK3 SerDes Bank 3 PLL Reference Clock Complement AC31 I XVDD — SD_REF_CLK4 SerDes Bank 4 PLL Reference Clock U28 I XVDD — SD_REF_CLK4 SerDes Bank 4 PLL Reference Clock Complement V28 I XVDD — General-Purpose Input/Output GPIO00 General Purpose Input / Output AL21 I/O OVDD — GPIO01 General Purpose Input / Output AK22 I/O OVDD — GPIO02 General Purpose Input / Output AM20 I/O OVDD — GPIO03 General Purpose Input / Output AN20 I/O OVDD — GPIO04/USB1_DRVVBUS General Purpose Input / Output AH21 I/O OVDD — GPIO05/USB1_PWRFAULT General Purpose Input / Output AJ21 I/O OVDD — GPIO06/USB2_DRVVBUS General Purpose Input / Output AK21 I/O OVDD — GPIO07/USB2_PWRFAULT General Purpose Input / Output AG20 I/O OVDD — GPIO08/UART1_SOUT General Purpose Input / Output AL22 I/O OVDD — GPIO09/UART2_SOUT General Purpose Input / Output AJ22 I/O OVDD — GPIO10/UART1_SIN General Purpose Input / Output AR23 I/O OVDD — GPIO11/UART2_SIN General Purpose Input / Output AN23 I/O OVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |