| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5021 bảng dữ liệu(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 bảng dữ liệu(HTML) 42 Page - NXP Semiconductors |
|
42 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 42 BVDD Local Bus Supply E22 — BVDD — BVDD Local Bus Supply K24 — BVDD — BVDD Local Bus Supply H20 — BVDD — BVDD Local Bus Supply H18 — BVDD — SVDD SerDes Core Logic Supply A30 — SVDD — SVDD SerDes Core Logic Supply A34 — SVDD — SVDD SerDes Core Logic Supply AA33 — SVDD — SVDD SerDes Core Logic Supply AB35 — SVDD — SVDD SerDes Core Logic Supply AD36 — SVDD — SVDD SerDes Core Logic Supply AE33 — SVDD — SVDD SerDes Core Logic Supply AF35 — SVDD — SVDD SerDes Core Logic Supply AG34 — SVDD — SVDD SerDes Core Logic Supply B28 — SVDD — SVDD SerDes Core Logic Supply B32 — SVDD — SVDD SerDes Core Logic Supply B36 — SVDD — SVDD SerDes Core Logic Supply C31 — SVDD — SVDD SerDes Core Logic Supply C34 — SVDD — SVDD SerDes Core Logic Supply C35 — SVDD — SVDD SerDes Core Logic Supply D29 — SVDD — SVDD SerDes Core Logic Supply E36 — SVDD — SVDD SerDes Core Logic Supply F34 — SVDD — SVDD SerDes Core Logic Supply G35 — SVDD — SVDD SerDes Core Logic Supply J36 — SVDD — SVDD SerDes Core Logic Supply K34 — SVDD — SVDD SerDes Core Logic Supply L35 — SVDD — SVDD SerDes Core Logic Supply M33 — SVDD — SVDD SerDes Core Logic Supply N36 — SVDD — SVDD SerDes Core Logic Supply R34 — SVDD — SVDD SerDes Core Logic Supply R35 — SVDD — SVDD SerDes Core Logic Supply U33 — SVDD — SVDD SerDes Core Logic Supply V35 — SVDD — SVDD SerDes Core Logic Supply W34 — SVDD — SVDD SerDes Core Logic Supply Y36 — SVDD — SVDD SerDes Core Logic Supply AH36 — SVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |