| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5021 bảng dữ liệu(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 bảng dữ liệu(HTML) 16 Page - NXP Semiconductors |
|
16 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 16 D2_MDQS6 Data Strobe AR1 I/O GVDD — D2_MDQS7 Data Strobe AR6 I/O GVDD — D2_MDQS8 Data Strobe L1 I/O GVDD — D2_MDQS0 Data Strobe A11 I/O GVDD — D2_MDQS1 Data Strobe A6 I/O GVDD — D2_MDQS2 Data Strobe C1 I/O GVDD — D2_MDQS3 Data Strobe G5 I/O GVDD — D2_MDQS4 Data Strobe AH3 I/O GVDD — D2_MDQS5 Data Strobe AM3 I/O GVDD — D2_MDQS6 Data Strobe AP1 I/O GVDD — D2_MDQS7 Data Strobe AT6 I/O GVDD — D2_MDQS8 Data Strobe K1 I/O GVDD — D2_MBA0 Bank Select AA3 O GVDD — D2_MBA1 Bank Select AA1 O GVDD — D2_MBA2 Bank Select M1 O GVDD — D2_MA00 Address Y4 O GVDD — D2_MA01 Address U1 O GVDD — D2_MA02 Address U4 O GVDD — D2_MA03 Address T1 O GVDD — D2_MA04 Address T2 O GVDD — D2_MA05 Address T3 O GVDD — D2_MA06 Address R1 O GVDD — D2_MA07 Address R4 O GVDD — D2_MA08 Address R2 O GVDD — D2_MA09 Address P1 O GVDD — D2_MA10 Address AA2 O GVDD — D2_MA11 Address P3 O GVDD — D2_MA12 Address N1 O GVDD — D2_MA13 Address AC4 O GVDD — D2_MA14 Address N3 O GVDD — D2_MA15 Address M2 O GVDD — D2_MWE Write Enable AB2 O GVDD — D2_MRAS Row Address Strobe AB1 O GVDD — D2_MCAS Column Address Strobe AC3 O GVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |