| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5021 bảng dữ liệu(PDF) 50 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 bảng dữ liệu(HTML) 50 Page - NXP Semiconductors |
|
50 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 50 Reserve_G1 — G1 — — 11 Reserve_G2 — G2 — — 11 Reserve_L28 — L28 — GND 21 Reserve_M28 — M28 — GND 21 Reserve_N28 — N28 — GND 21 Reserve_P28 — P28 — GND 21 Reserve_U32 — U32 — — 11 Reserve_U35 — U35 — — 11 Reserve_AD33 — AD33 — — 11 Reserve_AD34 — AD34 — — 11 Reserve_AG11 — AG11 — GND 21 Reserve_AG12 — AG12 — GND 21 Reserve_AG26 — AG26 — — 11 Reserve_AG29 — AG29 — — 11 Reserve_AH11 — AH11 — GND 21 Reserve_AH12 — AH12 — GND 21 Reserve_AH30 — AH30 — — 11 Reserve_AK1 — AK1 — — 11 Reserve_AK2 — AK2 — — 11 Reserve_AL1 — AL1 — — 11 Reserve_AL2 — AL2 — — 11 Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |