| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5021 bảng dữ liệu(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 bảng dữ liệu(HTML) 40 Page - NXP Semiconductors |
|
40 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 40 GVDD DDR Supply C6 — GVDD — GVDD DDR Supply D4 — GVDD — GVDD DDR Supply D10 — GVDD — GVDD DDR Supply D16 — GVDD — GVDD DDR Supply E14 — GVDD — GVDD DDR Supply E8 — GVDD — GVDD DDR Supply E2 — GVDD — GVDD DDR Supply F6 — GVDD — GVDD DDR Supply F12 — GVDD — GVDD DDR Supply AR8 — GVDD — GVDD DDR Supply G4 — GVDD — GVDD DDR Supply G10 — GVDD — GVDD DDR Supply G16 — GVDD — GVDD DDR Supply H14 — GVDD — GVDD DDR Supply H8 — GVDD — GVDD DDR Supply H2 — GVDD — GVDD DDR Supply J6 — GVDD — GVDD DDR Supply K10 — GVDD — GVDD DDR Supply K4 — GVDD — GVDD DDR Supply L2 — GVDD — GVDD DDR Supply L8 — GVDD — GVDD DDR Supply M6 — GVDD — GVDD DDR Supply N4 — GVDD — GVDD DDR Supply N10 — GVDD — GVDD DDR Supply P8 — GVDD — GVDD DDR Supply P2 — GVDD — GVDD DDR Supply R6 — GVDD — GVDD DDR Supply T10 — GVDD — GVDD DDR Supply T4 — GVDD — GVDD DDR Supply J12 — GVDD — GVDD DDR Supply U2 — GVDD — GVDD DDR Supply U8 — GVDD — GVDD DDR Supply V7 — GVDD — GVDD DDR Supply AK10 — GVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |