| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5021 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
|
10 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 10 D1_MDQ31 Data H9 I/O GVDD — D1_MDQ32 Data AC7 I/O GVDD — D1_MDQ33 Data AC6 I/O GVDD — D1_MDQ34 Data AF6 I/O GVDD — D1_MDQ35 Data AF7 I/O GVDD — D1_MDQ36 Data AB5 I/O GVDD — D1_MDQ37 Data AB6 I/O GVDD — D1_MDQ38 Data AE5 I/O GVDD — D1_MDQ39 Data AE6 I/O GVDD — D1_MDQ40 Data AG5 I/O GVDD — D1_MDQ41 Data AH9 I/O GVDD — D1_MDQ42 Data AJ9 I/O GVDD — D1_MDQ43 Data AJ10 I/O GVDD — D1_MDQ44 Data AG8 I/O GVDD — D1_MDQ45 Data AG7 I/O GVDD — D1_MDQ46 Data AJ6 I/O GVDD — D1_MDQ47 Data AJ7 I/O GVDD — D1_MDQ48 Data AL9 I/O GVDD — D1_MDQ49 Data AL8 I/O GVDD — D1_MDQ50 Data AN10 I/O GVDD — D1_MDQ51 Data AN11 I/O GVDD — D1_MDQ52 Data AK8 I/O GVDD — D1_MDQ53 Data AK7 I/O GVDD — D1_MDQ54 Data AN7 I/O GVDD — D1_MDQ55 Data AN8 I/O GVDD — D1_MDQ56 Data AT9 I/O GVDD — D1_MDQ57 Data AR10 I/O GVDD — D1_MDQ58 Data AT13 I/O GVDD — D1_MDQ59 Data AR13 I/O GVDD — D1_MDQ60 Data AP9 I/O GVDD — D1_MDQ61 Data AR9 I/O GVDD — D1_MDQ62 Data AR12 I/O GVDD — D1_MDQ63 Data AP12 I/O GVDD — D1_MECC0 Error Correcting Code K9 I/O GVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |