| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5021 bảng dữ liệu(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 bảng dữ liệu(HTML) 71 Page - NXP Semiconductors |
|
71 / 155 page ![]() Electrical characteristics P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Freescale Semiconductor 71 2.9.2.2 DDR3 and DDDR3L SDRAM interface output AC timing specifications This table contains the output AC timing targets for the DDR3 SDRAM interface. Table 25. DDR3 and DDR3L SDRAM interface output AC timing specifications For recommended operating conditions, see Table 3. Parameter Symbol1 Min Max Unit Notes MCK[n] cycle time tMCK 1.25 2.5 ns 2 ADDR/CMD output setup with respect to MCK tDDKHAS ns 3 1600 MT/s data rate 0.495 — 1333 MT/s data rate 0.606 — 1200 MT/s data rate 0.675 — 1066 MT/s data rate 0.744 — 800 MT/s data rate 0.917 — ADDR/CMD output hold with respect to MCK tDDKHAX ns 3 1600 MT/s data rate 0.495 — 1333 MT/s data rate 0.606 — 1200 MT/s data rate 0.675 — 1066 MT/s data rate 0.744 — 800 MT/s data rate 0.917 — MCS[n] output setup with respect to MCK tDDKHCS ns 3 1600 MT/s data rate 0.495 — 1333 MT/s data rate 0.606 — 1200 MT/s data rate 0.675 — 1066 MT/s data rate 0.744 — 800 MT/s data rate 0.917 — MCS[n] output hold with respect to MCK tDDKHCX ns 3 1600 MT/sdata rate 0.495 — 1333 MT/s data rate 0.606 — 1200 MT/s data rate 0.675 — 1066 MT/sdata rate 0.744 — 800 MT/s data rate 0.917 — MCK to MDQS Skew tDDKHMH ns 4 > 1066 MT/s data rate –0.245 0.245 800 MT/s data rate –0.375 0.375 |