| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATXP032 bảng dữ liệu(PDF) 86 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
ATXP032 bảng dữ liệu(HTML) 86 Page - Dialog Semiconductor |
|
86 / 113 page ![]() 84 ATXP032 DS-ATXP032–114I–4-2020 Figure 13-11. Terminate Operation Figure 13-12. Terminate Operation in Octal Mode —SDR Figure 13-13. Terminate Operation in Octal Mode — DDR 13.9 JEDEC Standard Hardware Reset (In-Band Reset) The JEDEC Hardware Reset command sequence can be used to wake up the device from Ultra-Deep Power- Down (UDPD) mode. This sequence can also be used to reset the device to a state similar to the power on state without cycling power. SCK CS SI SO MSB 2 3 1 0 1 1 1 1 0 0 0 0 6 7 5 4 10 11 9 8 12 15 13 14 Opcode High-Impedance MSB 1 1 0 1 0 0 0 0 Confirmation Byte In DS D0h Confir- mation Byte In F0h Opcode 1 0 I/O7-0 SCK CS DS D0h F0h Confir- mation Byte In Opcode 0 I/O7-0 SCK CS DS |