công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VR4102 bảng dữ liệu(PDF) 219 Page - NEC

tên linh kiện VR4102
Giải thích chi tiết về linh kiện  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

VR4102 bảng dữ liệu(HTML) 219 Page - NEC

Back Button VR4102 Datasheet HTML 215Page - NEC VR4102 Datasheet HTML 216Page - NEC VR4102 Datasheet HTML 217Page - NEC VR4102 Datasheet HTML 218Page - NEC VR4102 Datasheet HTML 219Page - NEC VR4102 Datasheet HTML 220Page - NEC VR4102 Datasheet HTML 221Page - NEC VR4102 Datasheet HTML 222Page - NEC VR4102 Datasheet HTML 223Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 701 page
background image
CHAPTER 8 CACHE MEMORY
219
8.5 CACHE STATE TRANSITION DIAGRAMS
The following section describes the cache state diagrams for the data and instruction caches.
These state
diagrams do not cover the initial state of the system, since the initial state is system-dependent.
8.5.1 Data Cache State Transition
The following diagram illustrates the data cache state transition sequence. A load or store operation may include
one or more of the atomic read and/or write operations shown in the state diagram below, which may cause cache
state transitions.
— Read (1) indicates a read operation from memory to cache, inducing a cache state transition.
— Write (1) indicates a write operation from CPU core to cache, inducing a cache state transition.
— Read (2) indicates a read operation from cache to the CPU core, which induces no cache state transition.
— Write (2) indicates a write operation from CPU core to cache, which induces no cache state transition.
Figure 8-6. Data Cache State Diagram
CACHE op
CACHE op
Write (1)
Write (1)
CACHE op
Write-back
Read (2)
Read (2)
Write (2)
Read (1)
Invalid
Valid
Dirty
Valid
Clean
8.5.2 Instruction Cache State Transition
The following diagram illustrates the instruction cache state transition sequence.
— Read (1) indicates a read operation from memory to cache, inducing a cache state transition.
— Read (2) indicates a read operation from cache to the CPU core, which induces no cache state transition.
Figure 8-7. Instruction Cache State Diagram
Read (1)
CACHE op
Read (2)
Valid
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More