công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65MLVD203B bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65MLVD203B
Giải thích chi tiết về linh kiện  SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD203B bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN65MLVD203B Datasheet HTML 1Page - Texas Instruments SN65MLVD203B Datasheet HTML 2Page - Texas Instruments SN65MLVD203B Datasheet HTML 3Page - Texas Instruments SN65MLVD203B Datasheet HTML 4Page - Texas Instruments SN65MLVD203B Datasheet HTML 5Page - Texas Instruments SN65MLVD203B Datasheet HTML 6Page - Texas Instruments SN65MLVD203B Datasheet HTML 7Page - Texas Instruments SN65MLVD203B Datasheet HTML 8Page - Texas Instruments SN65MLVD203B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver)
With IEC ESD Protection
1 Features
• Compatible with the M-LVDS standard TIA/
EIA-899 for multipoint data interchange
• Low-voltage differential 30-Ω to 55-Ω line driver
and receiver for signaling rates(1) up to
200 Mbps, clock frequencies up to 100 MHz
– Type-1 Receiver Incorporates 25 mV of
Hysteresis
• Bus I/O Protection
– ±8-kV HBM
– ±8-kV IEC 61000-4-2 Contact discharge
• Controlled driver output voltage transition times for
improved signal quality
• –1-V to 3.4-V Common-mode voltage range allows
data transfer with 2 V of ground noise
• Bus pins high impedance when disabled or VCC
1.5 V
• 100-Mbps Device Available (SN65MLVD202B)
• Improved Alternatives to SN65MLVD203 1
2 Applications
• Low-power, high-speed, and short-reach
alternative to TIA/EIA-485
• Backplane or cabled multipoint data and clock
transmission
• Cellular base stations
• Central office switches
• Network switches and routers
Description
The SN65MLVD203B device is a multipoint low-
voltage differential signaling (M-LVDS) line driver and
receiver which is optimized to operate at signaling
rates up to 200 Mbps. This device has a robust 3.3-V
driver and receiver in the standard QFN footprint for
demanding industrial applications. The bus pins are
robust to ESD events, with high levels of protection to
human-body model and IEC contact discharge
specifications.
The device combines a differential driver and a
differential receiver (transceiver), which operates from
a single 3.3-V supply. The transceiver is optimized to
operate at signaling rates up to 200 Mbps.
The SN65MLVD203B has enhancements over similar
devices. Improved features include a controlled slew
rate on the driver output to help minimize reflections
from unterminated stubs, resulting in better signal
integrity. The devices are characterized for operation
from –40°C to 125°C.
The SN65MLVD203B M-LVDS transceiver is part of
the TI extensive M-LVDS portfolio.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN65MLVD203B
WQFN (16)
4.0 mm x 4.0 mm
1. For all available packages, see the orderable
addendum at the end of the datasheet.
spacer
D
Y
Z
A
B
R
DE
RE
Simplified Schematic, SN65MLVD203B
1 The signaling rate of a line is the number of voltage transitions that are made per second expressed in the
bps of the unit (bits per second).
www.ti.com
SN65MLVD203B
SLLSFG7 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN65MLVD203B
SN65MLVD203B
SLLSFG7 – AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Số phần tương tự - SN65MLVD203B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65MLVD203B TI1-SN65MLVD203B Datasheet
1Mb / 36P
Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD203B TI2-SN65MLVD203B Datasheet
1Mb / 36P
SN65MLVD203B Full-Duplex Type-1 Multipoint-LVDS Transceiver With IEC ESD Protection
REVISED NOVEMBER 2022
SN65MLVD203BRUMR TI2-SN65MLVD203BRUMR Datasheet
1Mb / 36P
SN65MLVD203B Full-Duplex Type-1 Multipoint-LVDS Transceiver With IEC ESD Protection
REVISED NOVEMBER 2022
SN65MLVD203BRUMR.B TI2-SN65MLVD203BRUMR.B Datasheet
1Mb / 36P
SN65MLVD203B Full-Duplex Type-1 Multipoint-LVDS Transceiver With IEC ESD Protection
REVISED NOVEMBER 2022
SN65MLVD203BRUMRG4 TI2-SN65MLVD203BRUMRG4 Datasheet
1Mb / 36P
SN65MLVD203B Full-Duplex Type-1 Multipoint-LVDS Transceiver With IEC ESD Protection
REVISED NOVEMBER 2022
More results

Mô tả tương tự - SN65MLVD203B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
Multipoint-LVDS Line Driver and Receiver
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com