công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65MLVD203B bảng dữ liệu(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65MLVD203B
Giải thích chi tiết về linh kiện  SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD203B bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button SN65MLVD203B Datasheet HTML 16Page - Texas Instruments SN65MLVD203B Datasheet HTML 17Page - Texas Instruments SN65MLVD203B Datasheet HTML 18Page - Texas Instruments SN65MLVD203B Datasheet HTML 19Page - Texas Instruments SN65MLVD203B Datasheet HTML 20Page - Texas Instruments SN65MLVD203B Datasheet HTML 21Page - Texas Instruments SN65MLVD203B Datasheet HTML 22Page - Texas Instruments SN65MLVD203B Datasheet HTML 23Page - Texas Instruments SN65MLVD203B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
8.2.3.9 Interconnecting Media
The physical communication channel between the driver and the receiver may be any balanced paired metal
conductors meeting the requirements of the M-LVDS standard, the key points which will be included here. This
media may be a twisted pair, twinax, flat ribbon cable, or PCB traces.
The nominal characteristic impedance of the interconnect should be between 100 Ω and 120 Ω with variation no
more than 10% (90 Ω to 132 Ω).
8.2.3.10 PCB Transmission Lines
As per SNLA187, Figure 8-4 depicts several transmission line structures commonly used in printed-circuit boards
(PCBs). Each structure consists of a signal line and a return path with uniform cross-section along its length. A
microstrip is a signal trace on the top (or bottom) layer, separated by a dielectric layer from its return path in a
ground or power plane. A stripline is a signal trace in the inner layer, with a dielectric layer in between a ground
plane above and below the signal trace. The dimensions of the structure along with the dielectric material
properties determine the characteristic impedance of the transmission line (also called controlled-impedance
transmission line).
When two signal lines are placed close by, they form a pair of coupled transmission lines. Figure 8-4 shows
examples of edge-coupled microstrips, and edge-coupled or broad-side-coupled striplines. When excited by
differential signals, the coupled transmission line is referred to as a differential pair. The characteristic
impedance of each line is called odd-mode impedance. The sum of the odd-mode impedances of each line is
the differential impedance of the differential pair. In addition to the trace dimensions and dielectric material
properties, the spacing between the two traces determines the mutual coupling and impacts the differential
impedance. When the two lines are immediately adjacent; for example, if S is less than 2 × W, the differential
pair is called a tightly-coupled differential pair. To maintain constant differential impedance along the length, it is
important to keep the trace width and spacing uniform along the length, as well as maintain good symmetry
between the two lines.
SN65MLVD203B
SLLSFG7 – AUGUST 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN65MLVD203B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com