công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65MLVD203B bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65MLVD203B
Giải thích chi tiết về linh kiện  SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD203B bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button SN65MLVD203B Datasheet HTML 15Page - Texas Instruments SN65MLVD203B Datasheet HTML 16Page - Texas Instruments SN65MLVD203B Datasheet HTML 17Page - Texas Instruments SN65MLVD203B Datasheet HTML 18Page - Texas Instruments SN65MLVD203B Datasheet HTML 19Page - Texas Instruments SN65MLVD203B Datasheet HTML 20Page - Texas Instruments SN65MLVD203B Datasheet HTML 21Page - Texas Instruments SN65MLVD203B Datasheet HTML 22Page - Texas Instruments SN65MLVD203B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
8.2.3.3 Driver Input Voltage
The input stage accepts LVTTL signals. The driver operates with a decision threshold of approximately 1.4 V.
8.2.3.4 Driver Output Voltage
The driver outputs a steady state common mode voltage of 1 V with a differential signal of 540 mV under
nominal conditions.
8.2.3.5 Termination Resistors
As shown earlier, an M-LVDS communication channel employs a current source driving a transmission line
which is terminated with two resistive loads. These loads serve to convert the transmitted current into a voltage
at the receiver input. To ensure good signal integrity, the termination resistors should be matched to the
characteristic impedance of the transmission line. The designer should ensure that the termination resistors are
within 10% of the nominal media characteristic impedance. If the transmission line is targeted for 100-Ω
impedance, the termination resistors should be between 90 Ω and 110 Ω. The line termination resistors are
typically placed at the ends of the transmission line.
8.2.3.6 Receiver Input Signal
The M-LVDS receivers herein comply with the M-LVDS standard and correctly determine the bus state. These
devices have Type-1 and Type-2 receivers that detect the bus state with as little as 50 mV of differential voltage
over the common mode range of –1 V to 3.4 V.
8.2.3.7 Receiver Input Threshold (Failsafe)
The MLVDS standard defines a Type-1 and Type-2 receiver. Type-1 receivers have their differential input voltage
thresholds near zero volts. Type-2 receivers have their differential input voltage thresholds offset from 0 V to
detect the absence of a voltage difference. The impact to receiver output by the offset input can be seen in Table
8-2 and Figure 8-3.
Table 8-2. Receiver Input Voltage Threshold Requirements
RECEIVER TYPE
OUTPUT LOW
OUTPUT HIGH
Type 1
–2.4 V ≤ VID ≤ –0.05 V
0.05 V ≤ VID ≤ 2.4 V
Type 2
–2.4 V ≤ VID ≤ 0.05 V
0.15 V ≤ VID ≤ 2.4 V
-100
-50
0
50
100
150
200
Type 1
Transition Regions
Type 2
Low
High
Low
High
Figure 8-3. Expanded Graph of Receiver Differential Input Voltage Showing Transition Region
8.2.3.8 Receiver Output Signal
Receiver outputs comply with LVTTL output voltage standards when the supply voltage is within the range of 3 V
to 3.6 V.
www.ti.com
SN65MLVD203B
SLLSFG7 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: SN65MLVD203B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com