công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65MLVD203B bảng dữ liệu(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65MLVD203B
Giải thích chi tiết về linh kiện  SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD203B bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button SN65MLVD203B Datasheet HTML 19Page - Texas Instruments SN65MLVD203B Datasheet HTML 20Page - Texas Instruments SN65MLVD203B Datasheet HTML 21Page - Texas Instruments SN65MLVD203B Datasheet HTML 22Page - Texas Instruments SN65MLVD203B Datasheet HTML 23Page - Texas Instruments SN65MLVD203B Datasheet HTML 24Page - Texas Instruments SN65MLVD203B Datasheet HTML 25Page - Texas Instruments SN65MLVD203B Datasheet HTML 26Page - Texas Instruments SN65MLVD203B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
10 Layout
10.1 Layout Guidelines
10.1.1 Microstrip vs. Stripline Topologies
As per SLLD009, printed-circuit boards usually offer designers two transmission line options: Microstrip and
stripline. Microstrips are traces on the outer layer of a PCB, as shown in Figure 10-1.
Figure 10-1. Microstrip Topology
On the other hand, striplines are traces between two ground planes. Striplines are less prone to emissions and
susceptibility problems because the reference planes effectively shield the embedded traces. However, from the
standpoint of high-speed transmission, juxtaposing two planes creates additional capacitance. TI recommends
routing M-LVDS signals on microstrip transmission lines if possible. The PCB traces allow designers to specify
the necessary tolerances for ZO based on the overall noise budget and reflection allowances. Footnotes 12, 23,
and 34 provide formulas for ZO and tPD for differential and single-ended traces. 2 3 4
Figure 10-2. Stripline Topology
10.1.2 Dielectric Type and Board Construction
The speeds at which signals travel across the board dictates the choice of dielectric. FR-4, or equivalent, usually
provides adequate performance for use with M-LVDS signals. If rise or fall times of TTL/CMOS signals are less
than 500 ps, empirical results indicate that a material with a dielectric constant near 3.4, such as Rogers4350
or Nelco N4000-13 is better suited. Once the designer chooses the dielectric, there are several parameters
2 Howard Johnson & Martin Graham.1993. High Speed Digital Design – A Handbook of Black Magic.
Prentice Hall PRT. ISBN number 013395724.
3 Mark I. Montrose. 1996. Printed Circuit Board Design Techniques for EMC Compliance. IEEE Press. ISBN
number 0780311310.
4 Clyde F. Coombs, Jr. Ed, Printed Circuits Handbook, McGraw Hill, ISBN number 0070127549.
www.ti.com
SN65MLVD203B
SLLSFG7 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: SN65MLVD203B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com