công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65MLVD203B bảng dữ liệu(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65MLVD203B
Giải thích chi tiết về linh kiện  SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD203B bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button SN65MLVD203B Datasheet HTML 20Page - Texas Instruments SN65MLVD203B Datasheet HTML 21Page - Texas Instruments SN65MLVD203B Datasheet HTML 22Page - Texas Instruments SN65MLVD203B Datasheet HTML 23Page - Texas Instruments SN65MLVD203B Datasheet HTML 24Page - Texas Instruments SN65MLVD203B Datasheet HTML 25Page - Texas Instruments SN65MLVD203B Datasheet HTML 26Page - Texas Instruments SN65MLVD203B Datasheet HTML 27Page - Texas Instruments SN65MLVD203B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
pertaining to the board construction that can affect performance. The following set of guidelines were developed
experimentally through several designs involving M-LVDS devices:
• Copper weight: 15 g or 1/2 oz start, plated to 30 g or 1 oz
• All exposed circuitry should be solder-plated (60/40) to 7.62 μm or 0.0003 in (minimum).
• Copper plating should be 25.4 μm or 0.001 in (minimum) in plated-through-holes.
• Solder mask over bare copper with solder hot-air leveling
10.1.3 Recommended Stack Layout
Following the choice of dielectrics and design specifications, you must decide how many levels to use in the
stack. To reduce the TTL/CMOS to M-LVDS crosstalk, it is a good practice to have at least two separate signal
planes as shown in Figure 10-3.
Layer 4: Routed Plane (TTL/CMOS Signals)
Layer 3: Power Plane
Layer 2: Ground Plane
Layer 1: Routed Plane (MLVDS Signals)
Figure 10-3. Four-Layer PCB Board
Note
The separation between layers 2 and 3 should be 127 μm (0.005 in). By keeping the power and
ground planes tightly coupled, the increased capacitance acts as a bypass for transients.
One of the most common stack configurations is the six-layer board, as shown in Figure 10-4.
Layer 4: Routed Plane (TTL Signals)
Layer 3: Power Plane
Layer 2: Ground Plane
Layer 1: Routed Plane (MLVDS Signals)
Layer 4: Ground Plane
Layer 5: Ground Plane
Figure 10-4. Six-Layer PCB Board
In this particular configuration, it is possible to isolate each signal layer from the power plane by at least one
ground plane. The result is improved signal integrity; however, fabrication is more expensive. Using the 6-layer
board is preferable, because it offers the layout designer more flexibility in varying the distance between signal
layers and referenced planes, in addition to ensuring reference to a ground plane for signal layers 1 and 6.
10.1.4 Separation Between Traces
The separation between traces depends on several factors; however, the amount of coupling that can be
tolerated usually dictates the actual separation. Low noise coupling requires close coupling between the
differential pair of an M-LVDS link to benefit from the electromagnetic field cancellation. The traces should be
100-Ω differential and thus coupled in the manner that best fits this requirement. In addition, differential pairs
should have the same electrical length to ensure that they are balanced, thus minimizing problems with skew
and signal reflection.
In the case of two adjacent single-ended traces, one should use the 3-W rule, which stipulates that the distance
between two traces must be greater than two times the width of a single trace, or three times its width measured
from trace center to trace center. This increased separation effectively reduces the potential for crosstalk. The
same rule should be applied to the separation between adjacent M-LVDS differential pairs, whether the traces
are edge-coupled or broad-side-coupled.
SN65MLVD203B
SLLSFG7 – AUGUST 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN65MLVD203B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com