công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65MLVD203B bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65MLVD203B
Giải thích chi tiết về linh kiện  SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD203B bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button SN65MLVD203B Datasheet HTML 14Page - Texas Instruments SN65MLVD203B Datasheet HTML 15Page - Texas Instruments SN65MLVD203B Datasheet HTML 16Page - Texas Instruments SN65MLVD203B Datasheet HTML 17Page - Texas Instruments SN65MLVD203B Datasheet HTML 18Page - Texas Instruments SN65MLVD203B Datasheet HTML 19Page - Texas Instruments SN65MLVD203B Datasheet HTML 20Page - Texas Instruments SN65MLVD203B Datasheet HTML 21Page - Texas Instruments SN65MLVD203B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Table 8-1. Design Parameters (continued)
PARAMETERS
VALUES
Interconnect characteristic impedance
100 Ω
Termination resistance (differential)
100 Ω
Number of receiver nodes
2 to 32
Receiver supply voltage
3 to 3.6 V
Receiver input voltage
0 to (VCC – 0.8) V
Receiver signaling rate
DC to 200 Mbps
Ground shift between driver and receiver
±1 V
8.2.3 Detailed Design Procedure
8.2.3.1 Supply Voltage
The SN65MLVD203B is operated from a single supply. The device can support operations with a supply as low
as 3 V and as high as 3.6 V.
8.2.3.2 Supply Bypass Capacitance
Bypass capacitors play a key role in power distribution circuitry. At low frequencies, power supply offers very
low-impedance paths between its terminals. However, as higher frequency currents propagate through power
traces, the source is often incapable of maintaining a low-impedance path to ground. Bypass capacitors are
used to address this shortcoming. Usually, large bypass capacitors (10 μF to 1000 μF) at the board level do a
good job up into the kHz range. Due to their size and length of their leads, large capacitors tend to have large
inductance values at the switching frequencies. To solve this problem, smaller capacitors (in the nF to μF range)
must be installed locally next to the integrated circuit.
Multilayer ceramic chip or surface-mount capacitors (size 0603 or 0805) minimize lead inductances of bypass
capacitors in high-speed environments, because their lead inductance is about 1 nH. For comparison purposes,
a typical capacitor with leads has a lead inductance around 5 nH.
The value of the bypass capacitors used locally with M-LVDS chips can be determined by Equation 1 and
Equation 2, according to High Speed Digital Design – A Handbook of Black Magic by Howard Johnson and
Martin Graham (1993). A conservative rise time of 4 ns and a worst-case change in supply current of 100 mA
covers the whole range of M-LVDS devices offered by Texas Instruments. In this example, the maximum power
supply noise tolerated is 100 mV; however, this figure varies depending on the noise budget available for the
design.
Maximum Step Change Supply Current
chip
Rise Time
Maximum Power Supply Noise
I
C
T
V
æ
ö
D
=
´
ç
÷
ç
÷
D
è
ø
(1)
MLVDS
100 mA
C
4 ns
0.004
F
100 mV
æ
ö
=
´
=
m
ç
÷
è
ø
(2)
Figure 8-2 shows a configuration that lowers lead inductance and covers intermediate frequencies between the
board-level capacitor (>10 µF) and the value of capacitance found above (0.004 µF). Place the smallest value of
capacitance as close as possible to the chip.
0.1 µF
0.004 µF
3.3 V
Figure 8-2. Recommended M-LVDS Bypass Capacitor Layout
SN65MLVD203B
SLLSFG7 – AUGUST 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN65MLVD203B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com