công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65MLVD203BRUMR bảng dữ liệu (PDF) - Texas Instruments

SN65MLVD203BRUMR Datasheet PDF - Texas Instruments
tên linh kiện SN65MLVD203BRUMR
tải về  SN65MLVD203BRUMR tải về
kích thước tập tin   1777.4 Kbytes
Page   36 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện SN65MLVD203B Full-Duplex Type-1 Multipoint-LVDS Transceiver With IEC ESD Protection

SN65MLVD203BRUMR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SN65MLVD203BRUMR Datasheet PDF - Texas Instruments

tên linh kiện SN65MLVD203BRUMR
tải về  SN65MLVD203BRUMR Click to download

kích thước tập tin   1777.4 Kbytes
Page   36 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện SN65MLVD203B Full-Duplex Type-1 Multipoint-LVDS Transceiver With IEC ESD Protection

SN65MLVD203BRUMR bảng dữ liệu (HTML) - Texas Instruments


SN65MLVD203BRUMR Thông tin chi tiết sản phẩm

1 Features
• Compatible with the M-LVDS standard TIA/
EIA-899 for multipoint data interchange
• Low-voltage differential 30-Ω to 55-Ω line driver
and receiver for signaling rates(1) up to
200 Mbps, clock frequencies up to 100 MHz
– Type-1 receiver incorporates 25 mV of
hysteresis
• Bus I/O protection
– ±8-kV HBM
– ±8-kV IEC 61000-4-2 contact discharge
• Controlled driver output voltage transition times for
improved signal quality
• –1-V to 3.4-V common-mode voltage range allows
data transfer with 2 V of ground noise
• Bus pins high impedance when disabled or VCC ≤
1.5 V
• 100-Mbps device available (SN65MLVD202B)
• Improved alternatives to SN65MLVD203 1

2 Applications
• Low-power, high-speed, and short-reach
alternative to TIA/EIA-485
• Backplane or cabled multipoint data and clock
transmission
• Cellular base stations
• Central office switches
• Network switches and routers

3 Description
The SN65MLVD203B device is a multipoint lowvoltage
differential signaling (M-LVDS) line driver and
receiver which is optimized to operate at signaling
rates up to 200 Mbps. This device has a robust 3.3-V
driver and receiver in the standard QFN footprint for
demanding industrial applications. The bus pins are
robust to ESD events, with high levels of protection
to human-body model and IEC contact discharge
specifications.
The device combines a differential driver and a
differential receiver (transceiver), which operates from
a single 3.3-V supply. The transceiver is optimized to
operate at signaling rates up to 200 Mbps.
The SN65MLVD203B has enhancements over similar
devices. Improved features include a controlled slew
rate on the driver output to help minimize reflections
from unterminated stubs, resulting in better signal
integrity. The devices are characterized for operation
from –40°C to 125°C.
The SN65MLVD203B M-LVDS transceiver is part of
the TI extensive M-LVDS portfolio.




Số phần tương tự - SN65MLVD203BRUMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65MLVD203BRUMR TI-SN65MLVD203BRUMR Datasheet
1Mb / 40P
SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
More results


Mô tả tương tự - SN65MLVD203BRUMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
MAX3318 TI1-MAX3318_15 Datasheet
776Kb / 18P
TRANSCEIVER WITH ESD PROTECTION
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
ESD401 TI1-ESD401 Datasheet
1Mb / 17P
1-Channel ESD Protection Diode With Robust IEC ESD Performance
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com