công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATTINY817-MFR. bảng dữ liệu(PDF) 148 Page - Microchip Technology

tên linh kiện ATTINY817-MFR.
Giải thích chi tiết về linh kiện  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. bảng dữ liệu(HTML) 148 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 144Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 145Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 146Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 147Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 148Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 149Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 150Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 151Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 492 page
background image
Figure 20-5. Period and Compare Double Buffering
UPDATE
"write enable"
"data write"
CNT
"match"
EN
EN
CMPnBUF
CMPn
BV
=
Both the TCA.CMPn and TCA.CMPnBUF registers are available as I/O registers. This allows initialization
and bypassing of the buffer register and the double buffering function.
20.3.3.3 Changing the Period
The Counter period is changed by writing a new TOP value to the Period register (TCA.PER).
No Buffering: If double buffering is not used, any period update is immediate.
Figure 20-6. Changing the Period without Buffering
CNT
MAX
BOTTOM
Counter wraparound
"update"
"write"
New TOP written to
PER that is higher
than current CNT.
New TOP written to
PER that is lower
than current CNT.
A counter wraparound can occur in any mode of operation when up-counting without buffering. This is
due to the fact that the registers TCA.CNT and TCA.PER are continuously compared: if a new TOP value
is written to TCA.PER that is lower than current TCA.CNT, the counter will wrap first before a compare
match happened.
Figure 20-7. Unbuffered Dual-slope Operation
Counter wraparound
"update"
"write"
MAX
BOTTOM
CNT
New TOP written to
PER that is higher
than current CNT.
New TOP written to
PER that is lower
than current CNT.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More