| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATTINY817-MFR. bảng dữ liệu(PDF) 99 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATTINY817-MFR. bảng dữ liệu(HTML) 99 Page - Microchip Technology |
|
99 / 492 page ![]() Bit 7 6 5 4 3 2 1 0 ASYNCSTROBE[7:0] Access R/W R/W R/W R/W R/W R/W R/W R/W Reset 0 0 0 0 0 0 0 0 Bits 7:0 – ASYNCSTROBE[7:0]: Asynchronous Channel Strobe If the strobe register location is written, each Event channel will be inverted for one system clock cycle, i.e. a single Event is generated. 14.5.2 Synchronous Channel Strobe Name: SYNCSTROBE Offset: 0x01 Reset: 0x00 Property: - Bit 7 6 5 4 3 2 1 0 SYNCSTROBE[7:0] Access R/W R/W R/W R/W R/W R/W R/W R/W Reset 0 0 0 0 0 0 0 0 Bits 7:0 – SYNCSTROBE[7:0]: Synchronous Channel Strobe If the strobe register location is written, each Event channel will be inverted for one system clock cycle, i.e. a single event is generated. 14.5.3 Asynchronous Channel n Generator Selection Name: ASYNCCH0, ASYNCCH1, ASYNCCH2, ASYNCCH3 Offset: 0x02 + n*0x01 [n=0..3] Reset: 0x00 Property: - Bit 7 6 5 4 3 2 1 0 ASYNCCH[7:0] Access R/W R/W R/W R/W R/W R/W R/W R/W Reset 0 0 0 0 0 0 0 0 Bits 7:0 – ASYNCCH[7:0]: Asynchronous Channel Generator Selection Table 14-2. Asynchronous Channel Generator selection Value ASYNCCH0 ASYNCCH1 ASYNCCH2 ASYNCCH3 0x00 OFF OFF OFF OFF 0x01 CCL_LUT0 0x02 CCL_LUT1 0x03 AC0_OUT ATtiny417/817 © 2017 Microchip Technology Inc. Datasheet Complete DS40001901B-page 99 |