| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATTINY817-MFR. bảng dữ liệu(PDF) 70 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATTINY817-MFR. bảng dữ liệu(HTML) 70 Page - Microchip Technology |
|
70 / 492 page ![]() Bit 0 – ENABLE: Enable When this bit is written to '1', the configuration of the respective input pins is overridden to TOSC1 and TOSC2. Also, the Source Select bit (SEL) and Crystal Start-Up Time (CSUT) become read-only. This bit is I/O protected to prevent unintentional enabling of the oscillator. ATtiny417/817 © 2017 Microchip Technology Inc. Datasheet Complete DS40001901B-page 70 |