công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATTINY817-MFR. bảng dữ liệu(PDF) 92 Page - Microchip Technology

tên linh kiện ATTINY817-MFR.
Giải thích chi tiết về linh kiện  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. bảng dữ liệu(HTML) 92 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 88Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 89Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 90Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 91Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 92Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 93Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 94Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 95Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 492 page
background image
Name: 
LVL1VEC
Offset:  0x03
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
LVL1VEC[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – LVL1VEC[7:0]: Interrupt Vector with Priority Level 1
This bit field contains the address of the single vector with increased priority level 1 (LVL1).
If this bit field has the value 0x00, no vector has LVL1. Consequently, the LVL1 interrupt is disabled.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More