| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATTINY817-MFR. bảng dữ liệu(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATTINY817-MFR. bảng dữ liệu(HTML) 33 Page - Microchip Technology |
|
33 / 492 page ![]() Vector Number Peripheral Source Definition 11 TCA0_LCMP1 / TCA0_CMP1 TCA0, LCMP1 / CMP1 12 TCA0_CMP2 / TCA0_LCMP2 TCA0, LCMP2 / CMP2 13 TCB0_INT TCB0 - Timer Counter Type B 14 TCD0_OVF TCD0 - Timer Counter Type D, OVF 15 TCD0_TRIG TCD0, TRIG 16 AC0_AC AC0 – Analog Comparator 17 ADC0_RESRDY ADC0 – Analog-to-Digital Converter, RESRDY 18 ADC0_WCOMP ADC0, WCOMP 19 TWI0_TWIS TWI0 - Two Wire Interface / I2C, TWIS 20 TWI0_TWIM TWI0, TWIM 21 SPI0_INT SPI0 - Serial Peripheral Interface 22 USART0_RXC USART0 - Universal Asynchronous Receiver- Transmitter, RXC 23 USART0_DRE USART0, DRE 24 USART0_TXC USART0, TXC 25 NVMCTRL_EE NVM - Non Volatile Memory Related Links NVMCTRL - Non Volatile Memory Controller PORT - I/O Pin Configuration RTC - Real Time Counter SPI - Serial Peripheral Interface USART - Universal Synchronous and Asynchronous Receiver and Transmitter TWI - Two Wire Interface CRCSCAN - Cyclic Redundancy Check Memory Scan TCA - 16-bit Timer/Counter Type A TCB - 16-bit Timer/Counter Type B TCD - 12-bit Timer/Counter Type D AC – Analog Comparator ADC - Analog to Digital Converter 7.3 SYSCFG - System Configuration The System Configuration contains the revision ID of the part. The Revision ID is readable from the CPU, making it useful for implementing application changes between part revisions. ATtiny417/817 © 2017 Microchip Technology Inc. Datasheet Complete DS40001901B-page 33 |