| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATTINY817-MFR. bảng dữ liệu(PDF) 144 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATTINY817-MFR. bảng dữ liệu(HTML) 144 Page - Microchip Technology |
|
144 / 492 page ![]() Figure 20-2. Timer/Counter Block Diagram Base Coun ter Compare (Unit x = {A,B,C}) Counter = CMPn CMPnBUF Wavefo rm Generation BV = PERB PER CNT BV = 0 "count" "clear" "direction" "load" Control Logi c EVCTRL CTRLA OVF/UNF (INT Req.) TOP "match" CMPn (INT Req.) Control Logi c Clock Select BOTTOM WOn Out Event Select The counter register (CNT), period registers with buffer (PER and PERBUF), and compare registers with buffers (CMPx and CMPBUFx) are 16-bit registers. All buffer registers have a buffer valid (BV) flag that indicates when the buffer contains a new value. During normal operation, the counter value is continuously compared to zero and the period (PER) value to determine whether the counter has reached TOP or BOTTOM. The counter value is also compared to the CMPx registers. These comparisons can be used to generate interrupt requests. The waveform generator modes use these comparisons to set the waveform period or pulse width. A prescaled peripheral clock and events from the event system can be used to control the counter. ATtiny417/817 © 2017 Microchip Technology Inc. Datasheet Complete DS40001901B-page 144 |