| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP432P411VIPZ bảng dữ liệu(PDF) 179 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ bảng dữ liệu(HTML) 179 Page - Texas Instruments |
|
179 / 212 page ![]() 179 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V www.ti.com SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) X = Don't care (2) Direction controlled by eUSCI_B3 module. (3) Setting P8SEL1.x and P8SEL0.x disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying analog signals. (4) Setting the CEPD.q bit of the comparator disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying analog signals. Selecting the C0.q input pin to the comparator multiplexer with the CEIPSEL or CEIMSEL bits automatically disables the output driver and input buffer for that pin, regardless of the state of the associated CEPD.q bit. Table 6-81. Port P8 (P8.0 and P8.1) Pin Functions PIN NAME (P8.x) x FUNCTION CONTROL BITS OR SIGNALS (1) P8DIR.x P8SEL1.x P8SEL0.x P8.0/UCB3STE/TA1.0/C0.1 0 P8.0 (I/O) I: 0; O: 1 0 0 UCB3STE X (2) 0 1 TA1.CCI0A 0 1 0 TA1.0 1 C0.1 (3) (4) X 1 1 P8.1/UCB3CLK/TA2.0/C0.0 1 P8.1 (I/O) I: 0; O: 1 0 0 UCB3CLK X (2) 0 1 TA2.CCI0A 0 1 0 TA2.0 1 C0.0 (3) (4) X 1 1 |