| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP432P411VIPZ bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 212 page ![]() Copyright © 2017–2018, Texas Instruments Incorporated Device Comparison Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V 6 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 www.ti.com 3 Device Comparison Table 3-1 summarizes the features of MSP432P4x1x devices. (1) For the most current part, package, and ordering information for all available devices, see the Package Option Addendum in Section 9, or see the TI website at www.ti.com. (2) Each number in the sequence represents an instantiation of Timer_A with its associated number of capture/compare registers and PWM output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively. Table 3-1. Device Comparison (1) DEVICE FLASH (KB) SRAM (KB) Precision ADC (Channels) LCD (Segments) COMP_E0 (Channels) COMP_E1 (Channels) Timer_A(2) eUSCI 20-mA DRIVE I/Os TOTAL I/Os PACKAGE CHANNEL A: UART, IrDA, SPI CHANNEL B: SPI, I2C MSP432P4111IPZ 2048 256 24 ext, 2 int 320 8 8 5, 5, 5, 5 4 4 4 84 100 PZ MSP432P411YIPZ 1024 256 24 ext, 2 int 320 8 8 5, 5, 5, 5 4 4 4 84 100 PZ MSP432P411VIPZ 512 128 24 ext, 2 int 320 8 8 5, 5, 5, 5 4 4 4 84 100 PZ MSP432P4011IRGC 2048 256 12 ext, 2 int N/A 2 4 5, 5, 5 3 3 4 48 64 RGC MSP432P401YIRGC 1024 256 12 ext, 2 int N/A 2 4 5, 5, 5 3 3 4 48 64 RGC MSP432P401VIRGC 512 128 12 ext, 2 int N/A 2 4 5, 5, 5 3 3 4 48 64 RGC 3.1 Related Products For information about other devices in this family of products or related products, see the following links. Products for TI Microcontrollers Low-power and high-performance MCUs, with wired and wireless connectivity options. Products for SimpleLink MSP432 MCUs The SimpleLink MSP432 MCUs with an ultra-low-power Arm Cortex-M4 core are optimized for Internet- of-Things sensor node applications. With an integrated Precision ADC, the family enables acquisition and processing of high- precision signals without sacrificing power and is an optimal host MCU for TI's SimpleLink wireless connectivity solutions. Companion Products for MSP432P4111 Review products that are frequently purchased or used in conjunction with this product. Reference Designs for MSP432P4111 The TI Designs Reference Design Library is a robust reference design library that spans analog, embedded processor, and connectivity. Created by TI experts to help you jump start your system design, all TI Designs include schematic or block diagrams, BOMs, and design files to speed your time to market. Search and download designs at ti.com/tidesigns. |