| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP432P411VIPZ bảng dữ liệu(PDF) 160 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ bảng dữ liệu(HTML) 160 Page - Texas Instruments |
|
160 / 212 page ![]() P7.0/PM_SMCLK/PM_DMAE0/R03 PySEL1.x PyDIR.x PyIN.x EN To modules From module PyOUT.x 1 0 DVSS DVCC 1 D To LCD_F Pad Logic Bus Keeper Direction 0: Input 1: Output PyREN.x 0 1 0 0 1 0 1 1 PySEL0.x 0 1 0 0 1 0 1 1 DVSS DVSS P7.1/PM_C0OUT/PM_TA0CLK/R13/LCDREF P7.2/PM_C1OUT/PM_TA1CLK/R23 From LCD_F 160 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 www.ti.com Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) X = Don't care (2) Setting the PSEL1.x and PSEL0.x bits to 10 disables both the output driver and input Schmitt trigger to prevent leakage when analog signals are applied. 6.12.7 Port P7 (P7.0 to P7.2) Input/Output With Schmitt Trigger Figure 6-10 shows the port schematic. Table 6-69 lists the settings to select the port functions. Figure 6-10. P7.0, P7.1 and P7.2 Port Schematic Table 6-69. Port P7 (P7.0 to P7.2) Pin Functions PIN NAME (P7.x) x FUNCTION CONTROL BITS OR SIGNALS (1) P7DIR.x P7SEL1.x P7SEL0.x P7MAPx P7.0/PM_SMCLK/ PM_DMAE0 R03 0 P7.0 (I/O) I: 0; O: 1 0 0 X DMAE0 0 0 1 default SMCLK 1 R03 (2) X 1 0 X N/A 0 1 1 X DVSS 1 P7.1/PM_C0OUT/ PM_TA0CLK R13 1 P7.1 (I/O) I: 0; O: 1 0 0 X TA0CLK 0 0 1 default C0OUT 1 R13 (2) X 1 0 X N/A 0 1 1 X DVSS 1 |