công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 31 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 164 page
background image
loaded with the value 01H, and so on.
The Data Memory is initialised to Bank 0 after a reset, except for the WDT time-out reset in the Power
Down Mode, in which case, the Data Memory bank remains unaffected. It should be noted that the
Special Function Data Memory is not affected by the bank selection, which means that the Special
Function Registers can be accessed from within any bank. Directly addressing the Data Memory will
always result in Bank 0 being accessed irrespective of the value of the Bank Pointer. Accessing data
from banks other than Bank 0 must be implemented using Indirect addressing.
Bit
76543210
Name
BP7
BP6
BP5
BP4
BP3
BP2
BP1
BP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~5
BP7~BP5: Program Memory Bank Selection bits
000: Program Memory Bank 0
001: Program Memory Bank 1
010: Program Memory Bank 2
011: Program Memory Bank 3
100: Program Memory Bank 4
101: Program Memory Bank 5
110~111: not implemented
|
The Program Memory has the capacity of 48K words implemented as 8K words
´ 6 Banks.
Bit 4~0
BP4~BP0: Data Memory Bank Selection bits
00000: Bank 0 for General Purpose Data Memory
00001: Bank 1 for LCD Display Memory
00010: Bank 2 for LCD Display Memory
00011~11111: Bank 3 ~ Bank 31 for General Purpose Data Memory
Accumulator - ACC
The Accumulator is central to the operation of any microcontroller and is closely related with
operations carried out by the ALU. The Accumulator is the place where all intermediate results from
the ALU are stored. Without the Accumulator it would be necessary to write the result of each
calculation or logical operation such as addition, subtraction, shift, etc., to the Data Memory resulting
in higher programming and timing overheads. Data transfer operations usually involve the temporary
storage function of the Accumulator; for example, when transferring data between one user defined
register and another, it is necessary to do this by passing the data through the Accumulator as no direct
transfer between two registers is permitted.
Program Counter Low Register - PCL
To provide additional program control functions, the low byte of the Program Counter is made
accessible to programmers by locating it within the Special Purpose area of the Data Memory. By
manipulating this register, direct jumps to other program locations are easily implemented. Loading a
value directly into this PCL register will cause a jump to the specified Program Memory location,
however, as the register is only 8-bit wide, only jumps within the current Program Memory page are
permitted. When such operations are used, note that a dummy cycle will be inserted.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
31
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com