công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 78 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 74Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 75Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 76Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 77Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 78Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 79Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 164 page
background image
SPI Control Register - SIMnCTL2
The SIMnCTL2 register is also used by the I
2C interface but has the name SIMnAR.
· TRFn
The TRFn bit is the Transmit/Receive Complete flag and is set high automatically when an SPI data
transmission is completed, but must be cleared by the application program. It can be used to generate
an interrupt.
· WCOLn
The WCOLn bit is used to detect if a data collision has occurred. If this bit is high it means that data
has been attempted to be written to the SIMnDR register during a data transfer operation. This
writing operation will be ignored if data is being transferred. The bit can be cleared by the
application program. Note that using the WCOLn bit can be disabled or enabled via configuration
option.
· CSENn
The CSENn bit is used as an on/off control for the SCSn pin. If this bit is low then the SCSn pin will
be disabled and placed into a floating condition. If the bit is high the SCSnB pin will be enabled and
used as a select pin. Note that using the CSENn bit can be disabled or enabled via configuration
option.
· MLS
This is the data shift select bit and is used to select how the data is transferred, either MSB or LSB
first. Setting the bit high will select MSB first and low for LSB first.
· CKEGn and CKPOLn
These two bits are used to setup the way that the clock signal outputs and inputs data on the SPI bus.
These two bits must be configured before data transfer is executed otherwise an erroneous clock
edge may be generated. The CKPOLn bit determines the base condition of the clock line, if the bit is
high then the SCKn line will be low when the clock is inactive. When the CKPOLn bit is low then
the SCKn line will be high when the clock is inactive. The CKEGn bit determines active clock edge
type which depends upon the condition of CKPOLn.
CKPOLn
CKEGn
SCKn Clock Signal
0
0
High Base Level Active Rising Edge
0
1
High Base Level Active Falling Edge
1
0
Low Base Level Active Falling Edge
1
1
Low Base Level Active Rising Edge
Rev. 1.10
78
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com