công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 52 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 53Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 54Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 55Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 164 page
background image
Timer Control Registers - TMR0C, TMR1C, TMR2C, TMR3C
The flexible features of the Holtek microcontroller Timer/Event Counters enable them to operate in
three different modes, the options of which are determined by the contents of their respective control
register.
It is the Timer Control Register together with its corresponding timer registers that control the full
operation of the Timer/Event Counters. Before the timers can be used, it is essential that the
appropriate Timer Control Register is fully programmed with the right data to ensure its correct
operation, a process that is normally carried out during program initialisation.
To choose which of the three modes the timer is to operate in, either in the timer mode, the event
counting mode or the pulse width measurement mode, bits 7 and 6 of the corresponding Timer Control
Register, which are known as the bit pair TnM1/TnM0, must be set to the required logic levels. The
timer-on bit, which is bit 4 of the Timer Control Register and known as TnON, depending upon which
timer is used, provides the basic on/off control of the respective timer. Setting the bit high allows the
counter to run, clearing the bit stops the counter. For timers that have prescalers, bits 0~2 of the Timer
Control Register determine the division ratio of the input clock prescaler. The prescaler bit settings
have no effect if an external clock source is used. If the timer is in the event count or pulse width
measurement mode, the active transition edge level type is selected by the logic level of bit 3 of the
Timer Control Register which is known as TnE. An additional TnS bit in the 16-bit Timer/Event
Counter control register is used to determine the clock source for the Timer/Event Counter.
Timer/Event Counter Control Register - TMRnC (n=0, 2, 3)
Bit
76543210
Name
TnM1
TnM0
¾
TnON
TnE
TnPSC2
TnPSC1
TnPSC0
R/W
R/W
R/W
¾
R/W
R/W
R/W
R/W
R/W
POR
0
0
¾
01000
Bit 7~6
TnM1~TnM0: Timer/Event Counter Operating mode selection bit
00: no mode available
01: Event Counter mode
10: Timer mode
11: Pulse width measurement mode
Bit 5
Unimplemented, read as
²0²
Bit 4
TnON: Timer/Event Counter counting enable control
0: disable
1: enable
Bit 3
TnE: Timer/Event Counter active edge selection bits
For Event counter mode:
0: count on rising edge
1: count on falling edge
For Pulse width measurement mode:
0: start counting on falling edge
1: start counting on rising edge
Bit 2~0
TnPSC2~TnPSC0: Timer/Event Counter prescaler rate selection bits
000: 1/1
001: 1/2
010: 1/4
011: 1/8
100: 1/16
101: 1/32
110: 1/64
111: 1/128
Rev. 1.10
52
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com