công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 98 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 94Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 95Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 96Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 97Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 98Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 99Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 100Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 101Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 164 page
background image
Note that the RTC interrupt period is controlled by both configuration options and an internal register
RTCC. A configuration option selects the source clock for the internal clock fS, and the RTCC register
bits RT2, RT1 and RT0 select the division ratio. Note that the actual division ratio can be programmed
from 2
8 to 215.
RTCC Register
Bit
76543210
Name
¾¾
LVDO
QOSC
LVDC
RT2
RT1
RT0
R/W
¾¾
R
R/W
R/W
R/W
R/W
R/W
POR
¾¾
000111
Bit 7~6
unimplemented, read as
²0²
Bit 5
LVDO: Low Voltage Detector Output
0: normal voltage
1: low voltage detected
Bit 4
QOSC: RTC Oscillator Quick-start enable control
0: enable
1: disable
Bit 3
LVDC: Low Voltage Detector enable control
0: disable
1: enable
Bit 2~0
RT2~RT0: RTC Interrupt Period selection
000: 2
8/f
S
001: 2
9/f
S
010: 2
10/f
S
011: 2
11/f
S
100: 2
12/f
S
101: 2
13/f
S
110: 2
14/f
S
111: 2
15/f
S
Time Base Interrupt
The Time Base Interrupt is contained within the Multi-function 0 Interrupt.
For a Time Base Interrupt to be generated, the global interrupt enable bit, EMI, Time Base Interrupt
enable bit, ETBI, and Multi-function 0 interrupt enable bit, EMF0I, must first be set. An actual Time
Base Interrupt will take place when the Time Base Interrupt request flag, TBF, is set, a situation that
will occur when the Time Base overflows. When the interrupt is enabled, the stack is not full and the
Time Base overflows, a subroutine call to the Multi-function 0 interrupt vector at location 24H, will
take place. When the Time Base Interrupt is serviced, the EMI bit will be cleared to disable other
interrupts, however only the MF0F interrupt request flag will be reset. As the TBF flag will not be
automatically reset, it has to be cleared by the application program.
The purpose of the Time Base function is to provide an interrupt signal at fixed time periods. The Time
Base interrupt clock source originates from the Time Base interrupt clock source originates from the
internal clock source fS. This fS input clock first passes through a divider, the division ratio of which is
selected by configuration options to provide longer Time Base interrupt periods. The Time Base
interrupt time-out period ranges from 2
12/f
S~2
15/f
S. The clock source that generates fS, which in turn
controls the Time Base interrupt period, can originate from three different sources, the 32.768kHz
oscillator (LXT), the internal 32kHz RC oscillator (LIRC) or the System oscillator divided by 4
(fSYS/4), the choice of which is determine by the fS clock source configuration option.
Rev. 1.10
98
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com