công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 15 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 164 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Conditions
I
STB9
Standby Current (Idle), (f
SYS=on,
f
SYS=fM=4MHz, fWDT,fLCD=off,
*f
S=fSUB=
%LXT or LIRC)
3V
System HALT, WDT off,
LCD off, SPI or I
2C on,
PCLK on, PCLK=f
SYS/8
¾
150
250
mA
5V
¾
350
550
mA
f
SYS
Standby Current (Sleep)
(f
SYS,fSUB,fS,fLCS,fWDT=Off)
5V
System HALT, LCD Off,
WDT Off, DC/DC converter
Off
¾
0.1
1.2
mA
Input High/Low Voltage
V
IL1
Input Low Voltage for I/O Ports,
TMR and INT Pins
¾¾
0
¾
0.3V
DD
V
V
IH1
Input High Voltage for I/O Ports,
TMR and INT Pins
¾¾
0.7V
DD
¾
V
DD
V
V
IL2
Input Low Voltage (RES)
¾¾
0
¾
0.4V
DD
V
V
IH2
Input High Voltage (RES)
¾¾
0.9V
DD
¾
V
DD
V
Sink/Source Current
I
OL1
I/O sink current (PA, PB, PC;
SEG, COM level or LED output)
3V
V
OL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
I
OH1
I/O source current (PA, PB, PC;
SEG, COM level or LED output)
3V
V
OH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
I
OL2
LCD Common and Segment
Current
3V
V
OL=0.1VDD
210
420
¾mA
5V
350
700
¾mA
I
OH2
LCD Common and Segment
Current
3V
V
OH=0.9VDD
-80
-160
¾mA
5V
-180
-360
¾mA
I
OL3
PC7/RES Sink Current
5V
V
OL=0.1VDD
23
¾
mA
I
OL4
Card Clock (CCLK) Sink Current
3V
V
OL=0.1VDD
40
¾¾
mA
5V
60
¾¾
mA
I
OH4
Card Clock (CCLK) Source
Current
3V
V
OH=0.9VDD
40
¾¾
mA
5V
60
¾¾
mA
I
OL5
Card I/O (CIO) Sink Current
3V
V
OL=0.1VDD
400
¾¾
mA
5V
600
¾¾
mA
I
OH5
Card I/O (CIO) Source Current
3V
V
OH=0.9VDD
15
¾¾
mA
5V
15
¾¾
mA
I
OL6
Card Reset (CRST),
C4/C8 Sink Current
3V
V
OL=0.1VDD
400
¾¾
mA
5V
600
¾¾
mA
I
OH6
Card Reset (CRST),
C4/C8 Source Current
3V
V
OH=0.9VDD
15
¾¾
mA
5V
15
¾¾
mA
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
15
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com